Part Number Hot Search : 
ISL28 HN58C SA532FE MAX5453 MC74HC1 52N30P 75XKCT N1211
Product Description
Full Text Search
 

To Download 1812PS-104L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 252-1
Power Chip Inductors - 1812PS Series
* Economical alternative to larger shielded power inductors. * Ferrite cover provides magnetic shielding
For new designs, we recommend the LPS4018 or LPS5030 as an alternative to this series. They offer better current handling, lower DCR, a lower profile and a smaller footprint. We will continue to manufacture and support the 1812PS.
Part L2 number1 (H) 1812PS-102_L_ 1.0 1812PS-122_L_ 1.2 1812PS-152_L_ 1.5 1812PS-222_L_ 2.2 1812PS-272_L_ 2.7 1812PS-332_L_ 3.3 1812PS-392_L_ 3.9 1812PS-472_L_ 4.7 1812PS-562_L_ 5.6 1812PS-682_L_ 6.8 1812PS-103_L_ 10 1812PS-153_L_ 15 1812PS-223_L_ 22 1812PS-333_L_ 33 1812PS-393_L_ 39 1812PS-473_L_ 47 1812PS-683_L_ 68 1812PS-823_L_ 82 1812PS-104_L_ 100 1812PS-124_L_ 120 1812PS-154_L_ 150 1812PS-224_L_ 220 1812PS-334_L_ 330 1812PS-474_L_ 470 1812PS-564_L_ 560 1812PS-684_L_ 680 1812PS-824_L_ 820 1812PS-105_L_ 1000
DCR SRF % Q max5 typ6 3 4 tol min (Ohms) (MHz) 10,5 35 0.05 685 10,5 38 0.06 460 10,5 38 0.06 460 10,5 38 0.07 270 10,5 40 0.08 265 10,5 40 0.09 225 10,5 40 0.11 170 10,5 40 0.11 165 10,5 40 0.12 155 10,5 40 0.13 140 10,5 40 0.17 120 10,5 40 0.26 100 10,5 40 0.33 45 10,5 40 0.40 30 10,5 48 0.56 30 10,5 50 0.87 28 10,5 50 1.08 17 10,5 55 1.25 17 10,5 60 1.32 14 10,5 60 1.45 12 10,5 60 2.20 11 10,5 60 2.65 7 10,5 60 4.85 5.5 10,5 50 5.85 4.0 10,5 40 6.10 2.6 10,5 40 6.60 2.3 10,5 30 7.35 1.8 10,5 28 10.00 1.8
Isat7 (A) 2.50 2.00 2.00 1.70 1.40 1.40 1.20 1.15 1.10 1.00 0.90 0.70 0.54 0.46 0.40 0.35 0.32 0.28 0.27 0.23 0.20 0.17 0.15 0.12 0.11 0.10 0.09 0.08
Irms8 (A) 2.70 2.60 2.60 2.40 2.30 2.30 2.20 2.10 2.10 1.90 1.70 1.45 1.20 1.10 1.00 0.80 0.67 0.65 0.65 0.60 0.51 0.47 0.31 0.31 0.28 0.28 0.25 0.22
1. When ordering, specify tolerance, termination and packaging codes: 1812PS-105JLC J = 5% K = 10% (Table shows stock tolerances in bold.) Termination: L = RoHS compliant silver-palladium-platinum-glass frit. Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37). Packaging: C = 7 machine-ready reel. EIA-481 embossed plastic tape (600 parts per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter C instead. D = 13 machine-ready reel. EIA-481 embossed plastic tape. Factory order only, not stocked (2200 parts per full reel). 2. Inductance measured at 100 kHz, 0.1 Vrms, using aCoilcraft SMD-A fixture in an Agilent/HP 4263B LCR meter. 3. Tolerances in bold are stocked for immediate shipment. 4. Q measured at 1 MHz on an Agilent/HP 4291 with an Agilent/HP 16193 test fixture. 5. DCR measured on micro-ohmmeter and a Coilcraft CCF840 test fixture. 6. SRF measured using an Agilent/HP 8753D network analyzer and a Coilcraft SMD-D test fixture. 7. DC current at which the inductance drops 10% (typ) from its value without current. 8. Current that causes a 40C temperature rise from 25C ambient. 9. Electrical specifications at 25C. Refer to Doc 362 "Soldering Surface Mount Components" before soldering. Tolerance:
Specifications subject to change without notice. Please check our website for latest information.
Document 252-1
Revised 08/17/09
(c) Coilcraft, Inc. 2009
Document 252-2
Power Chip Inductors - 1812PS Series
Typical L vs Frequency
10000
1000 H
Typical L vs Current
10000
1000 H
1000
1000
Inductance (H)
Inductance (H)
100
100 H
100
100 H
10
10 H
10
10 H
1
1 H
1
1 H
0.1 0.01 0.1 1 10
0.1 0.01 0.1 1 10
Frequency (MHz)
B E
Current (A)
C D
Irms Derating
120 110 100
AF
0.120 3,05
0.045 1,14
0.118 3,00
Percent of rated Irms
90 80 70 60 50 40 30 20 10 0 -40 -20 0 20 40 60 80 100 120 140 160
G
Recommended Land Pattern
A max 0.231 5,87
25C
B max 0.196 4,98
C max 0.150 3,81
D ref 0.107 2,72
E ref 0.100 2,54
F ref 0.178 4,52
G 0.025 0,64 inches mm
Ambient temperature (C)
Core material Ceramic/Ferrite Core and winding loss See www.coilcraft.com/coreloss Terminations RoHS compliant silver-palladium-platinum-glass frit. Other terminations available at additional cost. Weight 286 - 323 mg Ambient temperature -40C to +105C with Irms current, +105C to +145C with derated current Storage temperature Component: -40C to +145C. Packaging: -40C to +80C Resistance to soldering heat Max three 40 second reflows at +260C, parts cooled to room temperature between cycles Temperature Coefficient of Inductance (TCL) +200 to +700 ppm/C Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) 38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332 Packaging 600 per 7reel; 2200 per 13 reel; Plastic tape: 12 mm wide, 0.25 mm thick, 4 mm pocket spacing, 3.9 mm pocket depth PCB washing Only pure water or alcohol recommended Document 252-2 Revised 08/17/09
Specifications subject to change without notice. Please check our website for latest information.
(c) Coilcraft, Inc. 2009


▲Up To Search▲   

 
Price & Availability of 1812PS-104L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X